PART |
Description |
Maker |
MAX3450 MAX3450E MAX3450EETE MAX3450EEUD MAX3451EE |
LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers LINE TRANSCEIVER, PDSO14 Single Full-Duplex LVDS Transceiver 14-SOIC -40 to 85 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers /- 15 kV ESD-protected USB transceiver
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3314E MAX3314ECKA-T MAX3314ECSA MAX3314ECUA MAX |
±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceiver ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceiver 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceiver 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceiver 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceiver 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
5962-9169201QXC 5962-9169202QXC 5962-9169201Q3C 59 |
Analog to Digital Converter ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 5V RS-232 Transceivers 八路D类触发器
|
Skyworks Solutions, Inc.
|
MAX6817 MAX6816 MAX6818 MAX6818EAP MAX6816EUS-T MA |
±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers 8-Bit Binary Counters With Input Registers 20-LCCC -55 to 125 15kV ESD-Protected / Single/Dual/Octal / CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal,
CMOS Switch Debouncers 15kV ESD-Protected Single/Dual/Octal CMOS Switch Debouncers 【15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers ±15kV ESD-Protected, Single/Dual/Octal, CMOS Switch Debouncers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
MAX3095 MAX3095CEE MAX3095CPE MAX3095CSE MAX3095EE |
±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers From old datasheet system ±15kV ESD-Protected, 10Mbps, 3V/5V,Quad RS-422/RS-485 Receivers 15kV ESD-Protected / 10Mbps / 3V/5V / Quad RS-422/RS-485 Receivers Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP QUAD LINE RECEIVER, PDSO16 Replaced by TMS320C6455 : QUAD LINE RECEIVER, PDSO16
|
MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3000E MAX3002EUP MAX3001EAUP MAX3003EUP MAX3001 |
1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ??5kV ESD-Protected, 0.1??, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 5kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators SPECIALTY INTERFACE CIRCUIT, PDSO20 CLAMP 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
MAX13481E MAX13481EETE MAX13482E MAX13482EETE MAX1 |
±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors DATACOM, INTERFACE CIRCUIT, QCC16 【15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ICL3232EIA-T ICL3221EIA-T ICL3223EIA-T ICL3223ECA- |
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000) 隆戮15kV ESD Protected, 3V to 5.5V, 1楼矛A, 250kbps, RS-232 Transmitters/Receivers 卤15kV ESD Protected, 3V to 5.5V, 1渭A, 250kbps, RS-232 Transmitters/Receivers ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
HIN208E HIN208ECA HIN208ECA-T HIN208ECB HIN208ECB- |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDIP24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDSO28 /-15kV ESD-Protected 5V PoweredRS-232 Transmitters/Receivers /-15kV, ESD-Protected, 5V Powered,RS-232 Transmitters/Receivers /-15kV/ ESD-Protected/ 5V Powered/RS-232 Transmitters/Receivers
|
BRILLIANCE SEMICONDUCTOR, Inc. Intersil, Corp. INTERSIL[Intersil Corporation]
|
|